Part Number Hot Search : 
48018BF EPS13 20N50F 260504B SD103 20101 2W04MG 14094BC
Product Description
Full Text Search
 

To Download RMT06R-10K-B25 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SURFACE MOUNT RESISTORS
RMT Series: Thin Film Chip Resistor
INTRODUCTION
The RMT series are thin film resistors. They feature a lower Temperature Coefficient than standard thick film types and are ideal for use in applications where temperature stability is important. These resistors are lead free.
D
Glass Passivation
RoHS
u
CHARACTERISTICS
Requirements Short Time Overload Thermal Shock Humidity Solderability Resistance to Soldering Heat Load Life Available Tolerances Specification 0.5% 0.2% 0.3% 95% coverage 0.5% 0.5% Test Standard JIS-C-5205-5.5 Mil-Std 202F, #108 Mil-Std 202F, #103B Mil-Std 202F, #208H Mil-Std 202F, #210E Mil-Std 202F, #108A
DIMENSIONS
H
C L
TYPE RMT04 (0402) RMT06 (0603) RMT10 (0805) RMT12 (1206) RMT25 (1210) RMT50S (1812) RMT50 (2010) RMT1WS (1218) RMT1W (2512) L W H 0.40+ 0.10 l1
B (0.1%), C (0.25%), D (0.5%), F (1%), J (5%)
Operating Temp (C) -55C ~ +155C
DERATING CURVE
W
100
70C 155C
Rated Load (%)
80 60 40 20 0 -55 -30 0 20 40 60 80 100 120 140 160 180
l2
1.00 + 0.10 0.50 + 0.05 0.30 + 0.05 0.20 + 0.10 0.20 + 0.10 1.60 + 0.20 0.80 + 0.15 0.30 + 0.20 0.30 + 0.15 2.00 + 0.20 1.25 + 0.15 0.50 + 0.15 0.35 + 0.15 0.35 + 0.15 3.20 + 0.20 1.60 + 0.20 0.55 + 0.15 0.45 + 0.20 0.45 + 0.20 3.20 + 0.20 2.50 + 0.20 0.55 + 0.15 0.50 + 0.20 0.50 + 0.20 4.50 + 0.10 3.00 + 0.10 0.55 + 0.05 0.55 + 0.10 0.80 + 0.10 5.00 + 0.20 2.50 + 0.20 0.55 + 0.10 0.60 + 0.20 0.60 + 0.20 3.10 + 0.10 4.60 + 0.10 0.55 + 0.05 0.45 + 0.10 0.40 + 0.10 6.30 + 0.20 3.20 + 0.20 0.55 + 0.10 0.60 + 0.20 0.60 + 0.20
Ambient Temperature (C)
STANDARD TOLERANCES AND TEMPERATURE COEFFICIENT
0.1% (B) 0.25% (C) 10ppm, 25ppm, 50ppm 25ppm, 50ppm 25ppm, 50ppm 25ppm, 50ppm 0.5% (D) 1.0% (F)
RATINGS & STANDARD RANGES
Rated Max Max Working T.C.R. Power at Overload Voltage (Vw) (PPM/C) 70C Voltage (Vo) +10 RMT04 0.063W 25V 50V +25 (0402) +50 +10 RMT06 0.063W 50V 100V +25 (0603) +50 +10 RMT10 0.1W 100V 200V +25 (0805) +50 +10 RMT12 0.125W 150V 300V +25 (1206) +50 +10 RMT25 0.165W 150V 300V +25 (1210) +50 +10 RMT50S 0.25W 150V 300V +25 (1812) +50 +10 RMT50 0.25W 150V 300V +25 (2010) +50 +10 RMT1WS 0.5W 150V 300V +25 (1218) +50 +10 RMT1W 1.0W 150V 300V +25 (2512) +50 TYPE Resistance Range B(+0.1%) 10W ~ 22KW 10 W ~ 100KW 20 W ~ 100KW 10 W ~ 332KW 10 W ~ 220KW 10 W ~ 1M W 10 W ~ 499KW 10 W ~ 1M W 120 W ~ 499KW 10 W ~ 1M W 10 W ~ 499KW 10 W ~ 1M W 10 W ~ 499KW 10 W ~ 1M W 10 W ~ 499KW 10W ~ 1MW 10W ~ 499KW 10 W ~ 1M W C(+0.25%) D(+0.5%) 10 W ~ 22K W 10 W ~ 100K W 20 W ~ 100K W 10 W ~ 332K W 10 W ~ 220K W 10 W ~ 1M W 10 W ~ 499K W 10 W ~ 1M W 120 W ~ 499K W 10 W ~ 1M W 10 W ~ 499K W 10 W ~ 1M W 10 W ~ 499K W 10 W ~ 1M W 10 W ~ 499K W 10 W ~ 1M W 10 W ~ 499K W 10 W ~ 1M W
F(+1%) 10W ~ 10W ~ 10W ~ 20W ~ 10W ~ 10W ~ 10W ~ 10W ~ 10 W ~ 10 W ~ 10 W ~ 10 W ~ 120W ~ 10W ~ 10 W ~ 10 W ~ 10 W ~ 10 W ~ 10W ~ 10W ~ 10W ~ 10W ~ 10W ~ 10W ~ 10W ~ 10W ~ 10 W ~ 22KW 100KW 100KW 100KW 332KW 332KW 220KW 1MW 1MW 499K W 1MW 1MW 499K W 1MW 1M W 499K W 1MW 1MW 499KW 1MW 1MW 499KW 1MW 1MW 499KW 1MW 1M W
PART NUMBER EXAMPLE
RMT 06 R - 10K - B 25
C2BB03 REV 2009.3.19
RFE International * Tel:(949) 833-1988 * Fax:(949) 833-1788 * E-Mail Sales@rfeinc.com


▲Up To Search▲   

 
Price & Availability of RMT06R-10K-B25

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X